Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 194 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 194 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 190Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 191Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 192Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 193Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 194Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 195Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 196Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 197Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 226 page
background image
KSZ9563R
DS00002419D-page 194
 2017-2018 Microchip Technology Inc.
5.4.1
MMD LED MODE REGISTER
5.4.2
MMD 1000BASE-T EEE WAKETX TIMER REGISTER
5.4.3
MMD EEE ADVERTISEMENT REGISTER
MMD Address:
Register:
0x02
0x00
Size:
16 bits
Bits
Description
Type
Default
15:5
RESERVED
RO
0x000
4
LED Mode
1 = Single-LED Mode
0 = Tri-color Dual-LED Mode
R/W
0b
3:0
RESERVED
RO
0001b
MMD Address:
Register:
0x03
0x0E
Size:
16 bits
Bits
Description
Type
Default
15:0
1000BASE-T PMA-EEE Transmit Refresh WakeTx Timer Max Value
0x0025 = 1.47-1.48µs
0x0021 = <1.40µs to meet IEEE 802.3az Specification
With the default value, the refresh time is slightly out of spec. Set to 0x0021
value to meet spec.
All other values are reserved.
R/W
0x0025
MMD Address:
Register:
0x07
0x3C
Size:
16 bits
Bits
Description
Type
Default
15:3
RESERVED
RO
0x000
2
1000BASE-T EEE Enable
1 = 1000 Mbps EEE capable
0 = No 1000 Mbps EEE capability
R/W
1b
1
100BASE-T EEE Enable
1 = 100 Mbps EEE capable
0 = No 100 Mbps EEE capability
R/W
1b
0
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com