Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 131 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 131 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 127Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 128Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 129Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 130Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 131Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 132Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 133Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 134Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 131
KSZ9563R
5.2.1.10
Port PME_WoL Enable Register
5.2.1.11
Port Interrupt Status Register
These registers provide interrupt status for the individual ports. these interrupts are enabled in the Port Interrupt Mask
Register. For non-port specific interrupt status, refer to the Global Interrupt Status Register.
Address:
0xN017
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0000_0b
2
Magic Packet Detect Enable
To be detected, the destination address of the Magic Packet must match the
Global Switch MAC Address in the Switch MAC Address 0 Register through
Switch MAC Address 5 Register.
1 = The PME pin will be asserted when a Magic Packet is detected at this
port
0 = The PME pin will not be asserted by Magic Packet detection at this port
RO/WC
0b
1
Link Up Detect Enable
Applicable only to ports with integrated PHY.
1 = The PME pin will be asserted when link up is detected at this port
0 = The PME pin will not be asserted by link up detection at this port
RO/WC
0b
0
Energy Detect Enable
Applicable only to ports with integrated PHY.
1 = The PME pin will be asserted when cable energy is detected at this port
0 = The PME pin will not be asserted by cable energy detection at this port
RO/WC
0b
Address:
0xN01B
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0000_00b
2
PTP Interrupt Status
Applies only to PHY ports, not MAC port(s). Refer to the Port PTP Timestamp
Interrupt Status Register for individual PTP interrupts.
0 = No interrupt
1 = Interrupt detected
RO
0b
1
PHY Interrupt Status
Applies only to PHY ports, not MAC port(s). Refer to the Port Interrupt
Control / Status Register for individual PHY interrupts.
0 = No interrupt
1 = Interrupt detected
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com