Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 132 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 132 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 128Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 129Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 130Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 131Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 132Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 133Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 134Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 135Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 226 page
background image
KSZ9563R
DS00002419D-page 132
 2017-2018 Microchip Technology Inc.
5.2.1.12
Port Interrupt Mask Register
This register enables the interrupts in the Port Interrupt Status Register.
0
ACL Interrupt Status
ACL interrupts can be generated by configuring an entry in the ACL Table for
counter mode. All ports have an ACL Table.
To clear this bit, toggle the ACL Interrupt Mask bit in the Port Interrupt Mask
Register.
0 = No interrupt
1 = Interrupt detected
RO
0b
Address:
0xN01F
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0000_00b
2
PTP Interrupt Enable
Applies only to PHY ports. Refer to the Port PTP Timestamp Interrupt Enable
Register for individual PTP interrupt enables.
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
1
PHY Interrupt Enable
Applies only to PHY ports.
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
0
ACL Interrupt Enable
Applies to all ports.
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com