Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 136 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 136 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 132Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 133Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 134Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 135Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 136Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 137Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 138Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 139Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 226 page
background image
KSZ9563R
DS00002419D-page 136
 2017-2018 Microchip Technology Inc.
Note 5-4
The default value of this field is determined by the associated configuration strap value. Refer to
Section 3.2.1, "Configuration Straps," on page 16 for additional information.
11
Power Down
1 = Power-down mode
0 = Normal operation
When this bit is set to ‘1’, the link-down status might not get updated in the
PHY status register. Software should note link is down and should not rely on
the PHY status register link status.
After this bit is changed from ‘1’ to ‘0’, an internal reset is performed. Wait a
minimum of 1ms before read/write access to this PHY’s registers.
R/W
0b
10
Isolate
1 = Logical isolation of the PHY from the switch core
0 = Normal operation
R/W
0b
9
Re-start Auto-Negotiation
Set this bit to re-start auto-negotiation. This bit is self-clearing.
R/W, SC
0b
8
Duplex Mode
This bit is ignored if auto-negotiation is enabled (bit 12 in this register).
1 = Full duplex
0 = Half duplex
R/W
1b
7
Collision Test
1 = Enable COL test
0 = Disable COL test
R/W
0b
6
Speed Select (MSB)
This bit is ignored if auto-negotiation is enabled (bit 12 in this register).
Bits [6, 13]
11 = Reserved
10 = 1000 Mb/s
01 = 100 Mb/s
00 = 10 Mb/s
R/W
Note 5-4
5:0
RESERVED
RO
0x00
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com