Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 166 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 166 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 162Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 163Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 164Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 165Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 166Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 167Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 168Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 169Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 226 page
background image
KSZ9563R
DS00002419D-page 166
 2017-2018 Microchip Technology Inc.
5.2.7
PORT N: PORT SWITCH INGRESS CONTROL REGISTERS (0xN800 - 0xN8FF)
5.2.7.1
Port Mirroring Control Register
This register contains the port controls for port mirroring. The Global Port Mirroring and Snooping Control Register must
also be properly configured.
5.2.7.2
Port Priority Control Register
To achieve the desired functionality, do not set more than one bit at a time in this register.
Address:
0xN800
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6
Receive Sniff
1 = All packets received on this port are designated as “monitored packets”
and will be forwarded to the designated “sniffer port”.
0 = No receive monitoring.
R/W
0b
5
Transmit Sniff
1 = All packets transmitted on this port are designated as “monitored
packets” and will be forwarded to the designated “sniffer port”.
0 = No transmit monitoring.
R/W
0b
4:2
RESERVED
RO
0_00b
1
Sniffer Port
1 = This port is designated as the sniffer port and will transmit monitored
packets.
0 = Not a sniffer port. Normal operation.
R/W
0b
0
RESERVED
RO
0b
Address:
0xN801
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
Highest Priority
1 = Highest priority selected
0 = Highest priority not selected
R/W
0b
6
OR’ed Priority
1 = All available priority OR’ed
0 = All available priority not OR’ed
R/W
0b
5
RESERVED
RO
0b
4
MAC Address Priority Classification
1 = Enable MAC address priority classification for ingress packets on port
0 = Disable MAC address classification
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com