Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 167 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 167 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 163Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 164Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 165Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 166Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 167Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 168Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 169Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 170Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 167
KSZ9563R
5.2.7.3
Port Ingress MAC Control Register
3
VLAN Priority Classification
1 = Enable VLAN priority classification for ingress packets on port
0 = Disabled VLAN classification
R/W
0b
2
802.1p Priority Classification
1 = Enable 802.1p priority classification for ingress packets on port
0 = Disable 802.1p priority classification
R/W
0b
1
Diffserv Priority Classification
1 = Enable Diffserv priority classification for ingress packets on port
0 = Disable Diffserv priority classification
R/W
0b
0
ACL Priority Classification
1 = Enable ACL priority classification for ingress packets on port
0 = Disable ACL priority classification
R/W
0b
Address:
0xN802
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
User Priority Ceiling
1 = If a packet’s “user priority field” is greater than the “user priority field” in
the port default tag register, replace the packet’s user priority field with the
user priority field in the port default tag from the Port Default Tag 0 Register.
0 = Do not replace the user priority field at this port.
R/W
0b
6:5
RESERVED
RO
0b
4
Discard Untagged Packets
This bit should be left as 0 for the host port.
1 = Any ingress packet at this port without an IEEE 802.1Q tag is discarded.
0 = Do not discard.
R/W
0b
3
Discard Tagged Packets
1 = Any ingress packet at this port with an IEEE 802.1Q tag is discarded.
0 = Do not discard.
R/W
0b
2:0
Port Default Priority Classification
If Diffserv classification, 802.1p classification and VLAN classification are not
enabled or fail to classify, ingress packets at this port will be classified with
the priority specified here. Possible values are 0 to 7.
R/W
000b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com