Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 171 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 171 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 167Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 168Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 169Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 170Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 171Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 172Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 173Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 174Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 171
KSZ9563R
5.2.8
PORT N: PORT SWITCH EGRESS CONTROL REGISTERS (0xN900 - 0xN9FF)
5.2.8.1
Port Transmit Queue Index Register
This register holds an index value that is used when accessing several registers that follow. This register may be
accessed as an 8-bit register, with bits [7:0] located at address 0xN903.
5.2.8.2
Port Transmit Queue PVID Register
This register may be accessed as an 8-bit register, with bits [7:0] located at address 0xN903.
Address:
0xN900 - 0xN903
Port N: 1-3
Size:
32 bits
Bits
Description
Type
Default
31:2
RESERVED
RO
0x00000000
1:0
Queue Index
Points to the queue number for subsequent queue configuration registers.
R/W
00
Address:
0xN904 - 0x907
Port N: 1-3
Size:
32 bits
Bits
Description
Type
Default
31:1
RESERVED
RO
0x00000000
0
Port VID Replacement
1 = For any egress packet with a non-zero VLAN ID, replace the VID with the
port default VID from the Port Default Tag 0 Register and Port Default Tag 1
Register. If double tagging is enabled, it is the ISP tag ID that will be
replaced.
0 = Do not replace the VID.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com