Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 175 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 175 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 171Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 172Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 173Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 174Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 175Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 176Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 177Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 178Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 175
KSZ9563R
5.2.10
PORT N: PORT SWITCH ADDRESS LOOKUP CONTROL REGISTERS (0xNB00 - 0xNBFF)
5.2.10.1
Port Control 2 Register
Address:
0xNB00
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
Null VID Lookup Enable
How to handle tagged packets with VID = 0.
1 = Non-standard operation. VLAN Table lookup using VID = 0.
0 = Standard operation. VLAN Table lookup using the port default VID (Port
Default Tag 0 Register and Port Default Tag 1 Register)
R/W
0b
6
Ingress VLAN Filtering
1 = Discard packets whose VID port membership in the VLAN Table does
not include the ingress port
0 = No ingress filtering
R/W
0b
5
Discard Non-PVID Packet
1 = Discard packets whose VID does not match the ingress port default VID
0 = Do not compare VID to the port default VID
R/W
0b
4
MAC Based 802.1X Enable
1 = Enable MAC based 802.1X authentication in lookup engine
0 = Only use ACL (if enabled) to perform MAC based authentication
R/W
0b
3
Self-Address Filtering – Port Enable
The source address of received packets is compared to the MAC address in
the Switch MAC Address 0 Register through Switch MAC Address 5
Register, and the packet is dropped if there is a match.
Both this port enable bit and the global enable bit in the Switch Lookup
Engine Control 1 Register must be set to enable self-address filtering.
1 = Enable self-address filtering for this port.
0 = Disable self-address filtering for this port.
R/W
0b
2
RESERVED
RO
0b
1
RESERVED
R/W
0b
0
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com