Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 177 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 177 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 173Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 174Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 175Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 176Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 177Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 178Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 179Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 180Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 177
KSZ9563R
5.2.11.2
Port PTP Transmit Latency Register
5.2.11.3
Port PTP Asymmetry Correction Register
5.2.11.4
Port PTP Egress Timestamp for Request and Delay High Word Register
5.2.11.5
Port PTP Egress Timestamp for Request and Delay Low Word Register
Address:
0xNC02 - 0xNC03
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N TX Latency in Nanoseconds (PTP_TX_LATENCY[15:0])
This field is used to set the fixed transmit delay value from the port N TX time-
stamp to the wire. The default value is 45ns.
R/W
0x002D
Address:
0xNC04 - 0xNC05
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15
PTP Port N Asymmetry Correction Sign Bit (PTP_ASYM_COR_SIGN)
1 = The magnitude in the PTP_ASM_COR field of this register is negative.
0 = The magnitude in the PTP_ASM_COR field of this register is positive.
R/W
0b
14:0
PTP Port N Asymmetry Correction in Nanoseconds (PTP_ASYM_COR)
This field is used to set the fixed asymmetry value to add in the correction
field for ingress Sync and Pdelay_Resp or to subtract from the correction field
for egress Delay_Req and Pdelay_Req.
R/W
0x0000
Address:
0xNC08 - 0xNC09
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N Egress Timestamp for Pdelay_Req and Delay_Req in
Nanoseconds (XDLY_REQ_TS[31:16])
This field contains the Port N egress timestamp high-word value for Pde-
lay_Req and Delay_Req frames in nanoseconds.
RO
0x0000
Address:
0xNC0A - 0xNC0B
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N Egress Timestamp for Pdelay_Req and Delay_Req in
Nanoseconds (XDLY_REQ_TS[15:0])
This field contains the Port N egress timestamp low-word value for Pde-
lay_Req and Delay_Req frames in nanoseconds.
RO
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com