Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 173 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 173 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 169Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 170Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 171Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 172Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 173Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 174Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 175Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 176Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 173
KSZ9563R
5.2.8.5
Port Transmit Credit Shaper Control 0 Register
This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the
Port Transmit Queue Index Register before accessing this register.
5.2.8.6
Port Transmit Credit Shaper Control 1 Register
This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the
Port Transmit Queue Index Register before accessing this register.
5.2.8.7
Port Transmit Credit Shaper Control 2 Register
This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the
Port Transmit Queue Index Register before accessing this register.
Address:
0xN916 - 0xN917
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
Port Queue Credit High Water Mark
Shaper credit high water mark in bytes
R/W
0x0534
Address:
0xN918 - 0xN919
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
Port Queue Credit Low Water Mark
Shaper credit low water mark in bytes
R/W
0x05F2
Address:
0xN91A - 0xN91B
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
Port Queue Credit Increment
Shaper credit increment, 12.5%
R/W
0x2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com