Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 35 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 35 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 39Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
35
www.emmicroelectronic.com
12. LCD Driver
The EM6620 has a built-in Liquid Crystal Display driver. A maximum of 32 segments can be displayed using
the 8 segment driver outputs (SEG[8:1) in 4:1 multiplex - 24 segments in the case of 3:1 multiplex - and the 4
back-planes (COM[4:1]).
The LCD driver has its own voltage regulator (1.05 Volt) and voltage multiplier to generate the driver bias
voltages VL1, VL2 and VL3 (VLCD). Using the metal1 mask the user can choose higher LCD reference
voltages. Please check with EM Marin the possible values and their impact on power consumption.
The special architecture of this LCD driver allows the user to specify the data and address for each individual
segment by metal mask option. It therefore adapts to every possible LCD display with a maximum of 32
independent segments. The LCD clock frequency is 256Hz. Thus the frame frequency is 256/8 Hz if 4:1
multiplex, or 256/6 if 3:1 multiplex.
Figure 25. LCD Architecture
RefLCD
LCD External
Supply
LCD Blank
Address
Bus
SEG[n]
x3
Enable
x2
x1
Voff
LCD Off
Von
MUX
Output
Switches
Voltage
Multiplier
Phase
Selection
Data
Latches
Data
Bus
Phase 1 to 4
3
4
2
1
VL1
VL2
VL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com