Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 25 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 25 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 29Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
25
www.emmicroelectronic.com
7.6 Counter Setup
RegCDataL[3:0],
RegCDataM[3:0], RegCDataH[1:0] are used to store the initial count value called
CReg[9:0] which is written into the count register bits Count[9:0] when writing the bit Load to ‘1’ in
RegCCntl2. This bit is automatically reset thereafter. The counter value Count[9:0] can be read out at any
time, except when using non-debounced high frequency port A input clock. To maintain data integrity the lower
nibble Count[3:0] must always be read first. The ShCount[9:4] values are shadow registers to the counter. To
keep the data integrity during a counter read operation (3 reads), the counter values [9:4] are copied into these
registers with the read of the count[3:0] register. If using non-debounced high frequency port A input the
counter must be stopped while reading the Count[3:0] value to maintain the data integrity.
In down count mode an interrupt request IRQCount0 is generated when the counter reaches 0. In up count
mode, an interrupt request is generated when the counter reaches 3FF (or FF,3F,F if limited bit counting).
Never an interrupt request is generated by loading a value into the counter register.
When the counter is programmed from up into down mode or vice versa, the counter value Count[9:0] gets
inverted. As a consequence, the initial value of the counter must be programmed after the Up/Down selection.
Loading the counter with hex 000 is equivalent to writing stop mode, the Start bit is reset, no interrupt request
is generated.
How to use the counter;
If PWM output is required one has to put the port B[3] in output mode and set PWMOn=1 in step 5.
1st,
set the counter into stop mode (Start=0).
2nd,
select the frequency and up- or down count mode in RegCCntl1.
3rd,
write the data registers RegCDataL, RegCDataM, RegCDataH (counter start value and
length)
4th,
load the counter, Load=1, and choose the mode. (EvCount, EnComp=0)
5th,
select bits PWMOn in RegPresc and SelIntFull in RegSysCntl1
6th,
if compare mode desired , then write RegCDataL, RegCDataM, RegCDataH (compare value)
7th,
set bit Start and select EnComp in RegCCntl2
7.7 10-bit Counter Registers
Table 7.7.1 Register RegCCntl1
Bit
Name
Reset
R/W
Description
3
Up/Down
0
R/W
Up or down counting
2
CountFSel2
0
R/W
Input clock selection
1
CountFSel1
0
R/W
Input clock selection
0
CountFsel0
0
R/W
Input clock selection
Default : PA0 ,selected as input clock, Down counting
Table 7.7.2 Counter Input Frequency Selection with CountFSel[2..0]
CountFSel2
CountFSel1
CountFSel0
clock source selection
0
0
0
Port A
PA[0]
0
0
1
Prescaler Ck[15]
0
1
0
Prescaler Ck[12]
0
1
1
Prescaler Ck[10]
1
0
0
Prescaler Ck[8]
1
0
1
Prescaler Ck[4]
1
1
0
Prescaler Ck[1]
1
1
1
Port A
PA[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com