Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
4.1 Oscillation Detection Circuit
At power on, the voltage regulator starts to follow the supply voltage and triggers the power on reset circuitry,
and thus the system reset. The CPU of the EM6620 remains in the reset state for the ‘CPU Reset Delay’, to
allow the oscillator to stabilize after power up.
The oscillator is disabled during sleep mode. So when waking up from sleep mode, the CPU of the EM6620
remains in the reset state for the ‘CPU Reset Delay’ , to allow the oscillator to stabilize. During this oscillator
stabilization period, the oscillation detection circuit is inhibited.
In active or standby modes, the oscillator detection circuit monitors the oscillator. If it stops for any reason, a
system reset is generated. After clock restart, the CPU waits for the CPU Reset Delay before executing the first
instructions.
The oscillation detection circuitry can be inhibited with NoOscWD = 1 in register RegVLDCntl. At power up,
and after any Reset, the function is activated.
The ‘CPU Reset Delay’ is 32768 system clocks ( ck[16] ) long.
4.2 Input Port A Reset
By writing the OptInpRSel1 and OptInpRSel2 registers it is possible to choose any combination of port A input
values to execute a system reset. The reset condition must be valid for at least 16 ms (system clock = 32 KHz)
in active and standby mode. The applied port A reset condition will immediately trigger a system reset in Sleep
mode.
Bit NoInputReset in option register OptFSelPB selects the input port A reset function in active and standby
mode. If set to "0" the occurrence of the selected combination for input port A reset will trigger a system reset.
Set to ‘1’ the input port A reset function is inhibited.
This option bit has no action in sleep mode, where the occurrence of the selected input port A reset
combination will always immediately trigger a system reset.
Reset combination selection (InpReset) in registers OptInpRSel1 and OptInpRSel2.
InpReset = InpResPA[0] • InpResPA[1] • InpResPA[2] • InpResPA[3]
InpRes1PA[n] InpRes2PA[n] InpResPA[n]
0
0
VSS
0
1
PA[n]
1
0
not PA[n]
1
1
VDD
n = 0 to 3
i.e. ; - No reset if InpResPA[n] = VSS.
- Don't care function on a single bit with
its InpResPA[n] = VDD.
- Always Reset if InpResPA[3:0] = 'b1111.
Figure 7. Input port A reset structure
0
1
MUX
2
3
1
0
VSS
PA[3]
PA[3]
VDD
BIT
[0]
BIT
[1]
BIT
[2]
BIT
[3]
InpResPA
InpResPA[3]
InpRes2PA[3]
InpRes1PA[3]
Input PortA Reset
Bit[2] selection
Input PortA Reset
Bit[1] selection
Input PortA Reset
Bit[0] selection
Input PortA Reset
Bit[3] selection
Input
Reset
from
PortA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com