Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 36 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 36 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 40Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
36
www.emmicroelectronic.com
12.1 LCD Control
The LCD driver has two control registers
RegLCDCntl1,2
to optimize for display contrast,
power
consumption, operation mode and bias voltage source.
LCDExtSupply: Choosing external supply (LcdExtSupply=‘1’) disables the internal LCD voltage regulator and
voltage multiplier, it also puts the bias voltage terminals VL1, VL2 and VL3 into high impedance state. External
bias levels can now be connected to the VL1, VL2 and VL3 terminals. (Resistor divider chain or others).
Another way to adapt the VL1, VL2 and VL3 levels to specific user needs is to overdrive the VL1 output
(LcdExtSupply=0) with the desired value. The internal multiplier will multiply this new VL1 level to generate the
corresponding levels VL2 and VL3. The bit LCDExtSupply is only reset by initial POR.
LCD4Mux: With this switch one selects either 3:1 or 4:1 (default) times multiplexing of the 8 segment driver
outputs. In the case of 3:1 multiplexing the COM[4] is off.
LCDOff: Disables the LCD. The voltage multiplier and regulator are switched off ( 0 current ).The segment
latch information is maintained. The VL1, VL2 and VL3 outputs are pulled to VSS.
LCDBlank: All segment outputs are turned off. The voltage multiplier and regulator remain switched on.
LcdBlank can be used with the 1Hz and Blink interrupt to let the whole display blink (software controlled).
CkTripSel1,0: Selecting the appropriate voltage multiplier frequency to optimize display contrast and power
consumption. The value to use is also depending on the selected multiplier booster capacitors (typically
100nF).
12.2 LCD addressing
The LCD driver addressing is direct using
the registers LCD_0, LCD_1, LCD_2 until
LCD_15. All LCD Segment registers are
R/W..
A total of 16 addresses are available to the
user to define the addressing of the LCD
segment latches. For each of these latches
the user may also choose the data bit to be
connected. See also section 12.3. However
only
8x4
LCD
segment
latches
are
implemented. The unused address and bit
locations are empty and can not be used as
RAM.
Figure 26. LCD addressing
4 bit R /W
LC D _10
LC D _ 9
4 bit R /W
LC D _ 8
4 bit R /W
L CD_ 7
4 b it R/W
4 bit R /W
LC D _ 6
4 bit R /W
LC D _ 5
L CD_ 4
4 b it R/W
LC D _ 3
4 bit R /W
L CD_ 2
4 b it R /W
4 bit R /W
4 bit R /W
L CD_ 1
L CD_ 0
4 bit R /W
L CD_ 1 5
LC D _ 14
4 bit R /W
LC D _13
4 b it R /W
LC D _12
4 bit R /W
4 bit R /W
L CD_ 1 1
1 6 x 4 dir e c t a d d r e s s a ble LC D la tc he s
but m a xim u m 8 x4 bits a r e R /W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com