Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 31 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 31 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 35Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
31
www.emmicroelectronic.com
9. Interrupt Controller
The EM6620 has 12 different interrupt request sources individually maskable. These are:
External(5)
- Port A,
PA[3] .. PA[0] inputs
- Compare
PB[0] input
Internal(8)
- Prescaler
ck[1], Blink, 32Hz/8Hz
- Millisecond Counter
1/10Sec or 1Sec
- 10-bit Counter
Count0, CountComp
- SVLD
End of measure
The SVLD and the Compare share the same interrupt line.
To be able to send an interrupt to the CPU, at least one of the interrupt request flags must be set (IRQxx) and
the general interrupt enable bit IntEn located in the register RegSysCntl1 must be set to 1. The interrupt
request flags can only be set by a positive edge of IRQxx with the corresponding mask register bit
(MaskIRQxx) set to 1.
At power on or after any reset all interrupt request mask registers are cleared and therefore do not allow any
interrupt request to be stored. Also the general interrupt enable IntEn is set to 0 (No IRQ to CPU) by reset.
After each read operation on the interrupt request registers RegIRQ1, RegIRQ2 or RegIRQ3 the contents of
the addressed register are reset. Therefore one has to make a copy of the interrupt request register if there
was more than one interrupt to treat. Each interrupt request flag may also be reset individually by writing 1 into
it (ClrIntBit).
Interrupt handling priority must be resolved through software by deciding which register and which flag inside
the register need to be serviced first.
Since the CPU has only one interrupt subroutine and because the IRQxx registers are cleared after reading,
the CPU does not miss any interrupt request which comes during the interrupt service routine. If any occurs
during this time a new interrupt will be generated as soon as the software comes out of the current interrupt
subroutine.
Figure 22. Interrupt Controller Block Diagram
Interrupt Request
Capture Register
12 Input-OR
Read
ClrIntBit
Reset
General
INT En
IRQ to µP
One of these Blocks for each IRQ
DB
DB[n]
IRQxx
Write
Mask
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com