Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
4.3 Digital Watchdog Timer Reset
The Digital Watchdog is a simple, non-programmable, 2-bit timer, that counts on each rising edge of Ck1]. It
will generate a system reset if it is not periodically cleared. The watchdog timer function can be inhibited by
activating an inhibit digital watchdog bit (NoLogicWD) located in RegVLDCntl. At power up, and after any
system reset, the watchdog timer is activated.
If for any reason the CPU stops, then the watchdog timer can detect this situation and activate the system
reset signal. This function can be used to detect program overrun, endless loops, etc. For normal operation,
the watchdog timer must be reset periodically by software at least every 2.5 seconds (system clock = 32
KHz), or a system reset signal is generated.
The watchdog timer is reset by writing a ‘1’ to the WDReset bit in the timer. This resets the timer to zero and
timer operation restarts immediately. When a ‘0’ is written to WDReset there is no effect. The watchdog
timer operates also in the standby mode and thus, to avoid a system reset, standby should not be active for
more than 2.5 seconds.
From a System Reset state, the watchdog timer will become active after 3.5 seconds. However, if the
watchdog timer is influenced from other sources (i.e. prescaler reset), then it could become active after just
2.5 seconds. It is therefore recommended to use the Prescaler IRQHz1 interrupt to periodically reset the
watchdog every second.
It is possible to read the current status of the watchdog timer in RegSysCntl2. After watchdog reset, the
counting sequence is (on each rising edge of CK[1]) : ‘00’, ‘01’, ‘10’, ‘11’, {WDVal1 WDVal0}. When reaching
the ‘11’ state, the watchdog reset will be active within ½ second. The watchdog reset activates the system
reset which in turn resets the watchdog. If the watchdog is inhibited it’s timer is reset and therefore always
reads ‘0’.
Table 4.3.1 Watchdog timer register RegSysCntl2
Bit
Name
Reset
R/W
Description
3
WDReset
0
R/W
Reset the Watchdog
1 -> Resets the Logic Watchdog
0 -> no action
The Read value is always '0'
2
SleepEn
0
R/W
See Operating modes (sleep)
1
WDVal1
0
R
Watchdog timer data 1/4 ck[1]
0
WDVal0
0
R
Watchdog timer data 1/2 ck[1]
4.4 CPU State after Reset
Reset initializes the CPU as shown in Table 4.4.1 below.
Table 4.4.1 Initial CPU value after Reset.
Name
Bits
Symbol
Initial Value
Program counter 0
12
PC0
$000 (as a result of Jump 0)
Program counter 1
12
PC1
Undefined
Program counter 2
12
PC2
Undefined
Stack pointer
2
SP
SP[0] selected
Index register
7
IX
Undefined
Carry flag
1
CY
Undefined
Zero flag
1
Z
Undefined
Halt
1
HALT
0
Instruction register
16
IR
Jump 0
Periphery registers
4
Reg.....
See peripheral memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com