Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 24 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 24 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 28Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
24
www.emmicroelectronic.com
For instance, loading the counter in up count mode with hex 000 and the comparator with hex C52 which will
be identified as :
- bits[11:10] are limiting the counter to limits to 4 bits length, =03
(BitSel[1,0])
- bits
[9:4] are the unused counter bits = hex 05 (bin 000101),
(number of PWM pulses)
- bits
[3:0] (comparator value = 2).
(length of PWM pulse)
Thus after 5 PWM-pulses of 2 clocks cycles length the Counter generates an IRQComp and stops.
The same example with SelIntFull=0 (limited bit compare) will produce an unlimited number of PWM at a length
of 2 clock cycles.
7.5.1 How the PWM Generator works.
For Up Count Mode; Setting the counter in up count and PWM mode the PB[3] PWM output is defined to be 0
(EnComp=0 forces the PWM output to 0 in upcount mode, 1 in downcount). Each Roll Over will set the output
to ‘1’ and each Compare Match will set it back to ‘0’. The Compare Match for PWM always only works on the
defined counter length. This, independent of the SelIntFull setting which is valid only for the IRQ generation.
Refer also to the compare setup in chapter 7.4.
In above example the PWM starts counting up on hex 0,
2 cycles later compare match -> PWM to ‘0’,
14 cycles later roll over -> PWM to ‘1’
2 cycles later compare match -> PWM to ‘0’ , etc. until the completion of the 5 pulses.
The normal IRQ generation remains on during PWM output. If no IRQ’s are wanted, the corresponding masks
need to be set.
In Down Count Mode
everything is inverted. The
PWM output starts with the ‘1’ value. Each Roll Over will set the output to ‘0’ and each Compare Match will set
it back to ‘1’. For limited pulse generation one must load the complementary pulse number value. I.e. for 5
pulses counting on 4 bits load bits[9 :4] with hex 3A (bin 111010).
7.5.2 PWM Characteristics
PWM resolution is
: 10bits (1024 steps), 8bits (256 steps), 6bits (64 steps) or 4 bits (16 steps)
the minimal signal period is
: 16 (4-bit) x Fmax*
-> 16 x 1/Ck[15]
-> 977 µs
(32 KHz)
the maximum signal period is
: 1024 x Fmin*
-> 1024 x 1/Ck[1]
-> 1024 s
(32 KHz)
the minimal pulse width is
: 1 bit
-> 1 x 1/Ck[15]
-> 61 µs
(32 KHz)
* This values are for Fmax or Fmin derived from the internal system clock (32kHz). Much shorter (and longer)
PWM pulses can be achieved by using the port A as frequency input.
One must not use a compare value of hex 0 in up count mode nor a value of hex 3FF (or FF,3F, F if limited bit
compare) in downcount mode.
Figure 16. PWM Output in Up Count Mode
Data+2
Data+1
Data-1
Data
...
001
000
03F
03E
PWM output
IRQComp
IRQCount0
Compare
Roll-over
Count[9 :0]
Clock
Figure 17. PWM Output in Down Count Mode
Data-2
Data-1
Data+1
Data
...
3FE
3FF
000
001
PWM output
IRQComp
IRQCount0
Compare
Roll-over
Count[9 :0]
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com