Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 45 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 45 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 49Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
45
www.emmicroelectronic.com
16.1.2 Port B Metal Options
Pull-up
or
no
pull-up
can
be
selected for each port B input. The
pull-up is only active in Nch. open
drain mode.
Pull-down or no pull-down can be
selected for each port B input.
The total pull value (pull-up or pull-
down) is a series resistance out of
the resistance R1 and the switching
transistor. As a switching transistor
the user can choose between a
high impedance (weak) or a low
impedance (strong) switch. Weak ,
strong or none must be chosen.
The default is strong. The default
resistor R1 value is 100 KOhm. The
user may choose a different value
from 150 KOhm down to 0 Ohm.
However the value must first be
checked
and
agreed
by
EM
Microelectronic Marin SA. Refer
also to chapter 17.2 and 17.3 for
the pull values.
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : Strong pull-
down with R1=100 KOhm
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : Strong pull-up
with R1=100 KOhm
Figure 29. Port B Pull Options
Resistor R1
MPBPDweak[n]
Weak Pull-down
MPBPDstrong[n]
Strong Pull-down
MPBPUweak[n]
Weak Pull-up
MPBPUstrong[n]
Strong Pull-up
Pull-Up Control
PB[n]
Terminal
100 KOhm
Pull-down Control
or
Block
No Pull-up
No Pull-down
Input Circuitry
Option
Name
Strong
Pull-
down
Weak
Pull-
down
R1
Value
Typ.100k
No
Pull-
down
1
2
3
4
MPBPD[3]
PB3 input pull-down
MPBPD[2]
PB2 input pull-down
MPBPD[1]
PB1 input pull-down
MPBPD[0]
PB0 input pull-down
Option
Name
Strong
Pull-up
Weak
Pull-up
R1
value
Typ. 100k
NO
Pull-up
1
2
3
4
MPBPU[3]
PB3 input pull-up
MPBPU[2]
PB2 input pull-up
MPBPU[1]
PB1 input pull-up
MPBPU[0]
PB0 input pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com