Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
2. Operating modes
The EM6620 has two low power dissipation modes, standby and sleep. Figure 4 is a transition diagram for
these modes.
2.1 ACTIVE Mode
The active mode is the actual CPU running mode. Instructions are read from the internal ROM and executed by
the CPU. Leaving the active mode: via the halt instruction to go into standby mode, writing the SLEEP bit to go
into Sleep mode or detecting the reset condition from port A to go into reset mode.
2.2 STANDBY Mode
Executing a HALT instruction puts the EM6620 into
standby mode. The voltage regulator, oscillator,
watchdog
timer,
LCD,
interrupts,
timers
and
counters are operating. However, the CPU stops
since the clock related to instruction execution
stops. Registers, RAM and I/O pins retain their
states prior to STANDBY mode. STANDBY is
canceled by a RESET or an Interrupt request if
enabled.
2.3 SLEEP Mode
Writing to the Sleep bit in the RegSysCntl1 register
puts the EM6620 in sleep mode. The oscillator stops
and most functions of the EM6620 are inactive. To
be able to write to the Sleep bit, the SleepEn bit in
RegSysCntl2 must first be set to "1". In SLEEP
mode only the voltage regulator is
active to
maintain the RAM data integrity, all other functions
are in reset state. SLEEP mode may be canceled only by the input reset combination from port A
.
Due to the cold-start characteristics of the oscillator, waking up from sleep mode may take some time to
guarantee stable oscillation. During sleep mode and the following start up the EM6620 is in reset state. Waking
up from sleep mode clears the Sleep flag but not the SleepEn bit. Inspecting the SleepEn allows to determine
if the EM6620 was powered up (SleepEn = "0") or woken from sleep mode (SleepEn = "1").
TAKE CARE !!! To quit sleep mode, one must be sure to have a suitable defined combination of port A inputs
for reset (see section 4.2). The Bit NoInpReset has no action during sleep mode.
Table 2.3.1 Shows the state of the EM6620 functions in STANDBY and SLEEP modes
FUNCTION
STANDBY
SLEEP
Oscillator
Active
Stopped
Oscillator supervisor
Active
Stopped
Instruction execution
Stopped
Stopped
Interrupt functions
Active
Stopped
Registers and flags
Retained
Reset
RAM data
Retained
Retained
Option registers
Retained
Retained
Timer/Counter's
Active
Reset
Logic watchdog
Active
Reset
I/O port B
Active
High Impedance, no pulls
Input port A
Active
NoInputRes = "0" for reset generation
Only active for Reset generation
NoInputRes = "X"
LCD
Active
Stopped (display off)
Voltage Level Detector
finishes on going measure, then stop
Stopped
Figure 4 Mode transition diagram
Active
Halt
instruction
Sleep bit
write
IRQ
Standby
Sleep
Reset=1
Reset=0
Reset=1
Reset=1
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com