Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 56 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 56 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 56Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
56
www.emmicroelectronic.com
20.1 Ordering Information
Ordering Part Number (selected examples)
Part Number
Package/Die Form
Delivery
Form/Thickness
EM6620%%%TQ32B
TQFP 32 pin
Tape&Reel
EM6620%%%TQ32D
TQFP 32 pin
Trays (Plate)
EM6620%%%TQ44B
TQFP 44 pin
Tape&Reel
EM6620%%%TQ44D
TQFP 44 pin
Trays (Plate)
EM6620%%%WS11
Sawn wafer
11 mils
EM6620%%%WP11
Die in waffle pack
11 mils
EM6620%%%WW27
Unsawn wafer
27 mils
Please make sure to give the complete Part Number when ordering, including the 3-digit version. The version is made of 3
digits %%%: the first one is a letter and the last two are numbers, e.g. C05 , C12, P20, etc.
20.2 Package Marking
TQFP44 marking:
TQFP32 marking:
First line:
E M 6
6
2
0
0
% % Y
E
M
6
6
2
0
#
Second line:
P P P P P P P P P P P
P
P
P
P
P
P
P
Third line:
C C C C C C C C C C C
C
C
C
C
C
Y
P
Where: %% = last two-digits of the customer-specific number given by EM (e.g. 05, 12, 20, etc.)
# = Last digit of the customer-specific number given by EM (e.g. 2, 4, 6, 8)
Y = Year of assembly
PP…P = Production identification (date & lot number) of EM Microelectronic
CC…C = Customer specific package marking on third line, selected by customer
20.3 Customer Marking
There are 11 digits available for customer marking on TQFP44.
There are 5 digits available for customer marking on TQFP32.
Please specify below the desired customer marking.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in
the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site.
EM assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or
specifications detailed herein at any time without notice, and does not make any commitment to update the information
contained herein. No licenses to patents or other intellectual property of EM are granted in connection with the sale of EM
products, expressly or by implications. EM's products are not authorized for use as components in life support devices or
systems.
© EM Microelectronic-Marin SA, 03/05, Rev. G
Packaged Device:
Device in DIE Form:
Customer Version:
Customer Version:
customer-specific number
customer-specific number
given by EM Microelectronic
given by EM Microelectronic
Package:
Die form:
TQ32 = TQFP 32 pin
WW = Wafer
TQ44 = TQFP 44 pin
WS = Sawn Wafer/Frame
WP = Waffle Pack
Thickness:
Delivery Form:
11 = 11 mils (280um), by default
B = Tape&Reel
27 = 27 mils (686um), not backlapped
D = Trays (Plate)
(for other thickness, contact EM)
EM6620 %%% WS 11
EM6620 %%% TQ32 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com