Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 42 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 42 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 46Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
42
www.emmicroelectronic.com
14. Option Register Memory Map
The values of the Option Registers are set by initial reset on power up and through write
operations only. Other resets as reset from watchdog, reset from input port A do not change the
options register value.
Register
Name
Add
Hex
Add
Dec
.
Power
On
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
OPTDebIntPA
OPT[3:0]
75
117
0000
0: NoDebIntPA[0]
1: NoDebIntPA[1]
2: NoDebIntPA[2]
3: NoDebIntPA[3]
Option register;
debouncer on Port A
for interrupt gen.
default: debouncer on
OPTIntEdgPA
OPT[7:4]
76
118
0000
0: IntEdgPA[0]
1: IntEdgPA[1]
2: IntEdgPA[2]
3: IntEdgPA[3]
Option register;
interrupt edge select on port A
default: pos. edge
OPTNoPullPA
OPT[11:8]
77
119
0000
0: NoPullPA[0]
1: NoPullPA[1]
2: NoPullPA[2]
3: NoPullPA[3]
option register;
pull-down selection on port A
default: pull-down
OPTNoPdPB
OPT[15:12]
78
120
0000
0: NoPdPB[0]
1: NoPdPB[1]
2: NoPdPB[2]
3: NoPdPB[3]
Option register;
pull-down selection on port B
default: pull-down
OPTNchOpDPB
OPT[19:16]
79
121
0000
0: NchOpDPB[0]
1: NchOpDPB[1]
2: NchOpDPB[2]
3: NchOpDPB[3]
Option register;
n-channel open drain
output on port B
default: CMOS output
OPTFSelPB
OPT[31:28]
7B
123
0000
0: NoInputReset
1: PB32kHzOut
2: PB2kHzOut
3: PB1HzOut
Option register;
port A input reset selection,
frequency output on port B
OptInpRSel1
7C
124
0000
0: InpRes1PA[0]
1: InpRes1PA[1]
2: InpRes1PA[2]
3: InpRes1PA[3]
Option register;
port A input reset selection,
refer to reset part
OptInpRSel2
7D
125
0000
0: InpRes2PA[0]
1: InpRes2PA[1]
2: InpRes2PA[2]
3: InpRes2PA[3]
Option register;
reset through port A inputs
selection,
refer to reset part
RegTestEM
7F
127
----
----
accu
for EM test only;
write accu on port B
Test = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com