Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
4. Reset
Figure 6 illustrates the reset structure of the EM6620. One can see that there are five possible reset sources :
(1) Internal initial reset from the Power On Reset (POR) circuitry.
--> POR
(2) External reset by simultaneous high/low inputs to port A.
--> System Reset, Reset CPU
(Combinations are defined in the registers OptInpRSel1 and OptInpRSel2
(3) Internal reset from the Digital Watchdog.
--> System Reset, Reset CPU
(4) Internal reset from the Oscillation Detection Circuit.
--> System Reset, Reset CPU
(5) Internal reset when SLEEP mode is activated.
--> System Reset, Reset CPU
All reset sources activate the System Reset and the Reset CPU. The ‘System Reset Delay’ ensures that the
system reset remains active long enough for all system functions to be reset (active for N system clock cycles).
The ‘CPU Reset Delay’ ensures that the Reset CPU remains active until the oscillator is in stable oscillation.
As well as activating the system reset and the Reset CPU, the POR also resets all option registers and the
sleep enable (SleepEn) latch. System reset and Reset CPU do not reset the option registers nor the sleep
enable latch.
Figure 6. Reset structure
System Reset
Delay
CPU Reset
Delay
Enable
Activate
Digital
W atchdog
Oscillation
Detection
Reset from port A Input
combination
NoInpReset
Sleep
Reset
CPU
Inhibit
Oscillation
detection
Inhibit
Digital
W atchdog
POR
POR to Option
Registers & SLEEP
ENABLE latch
DEBOUNCE
SLEEP
Latch
R
SLEEP
ENABLE
Latch
R
POR
Internal Data Bus
Write Reset
Read Status
Write Active
Read Status
CK[10]
CK[1]
ck[8]
ck[1]
ck[15]
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com