Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS11 Datasheet(PDF) 51 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 51 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 55Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
51
www.emmicroelectronic.com
18.7 DC characteristics - I/O Pins
Conditions: T= -20 ... 85
°C (unless otherwise specified)
VDD=1.5V means; measures without voltage regulator
VDD=3.0V means; measures with voltage regulator
Parameter
Conditions
Symb
Min.
Typ.
Max.
Unit
Input Low voltage
Ports A,B Test
VDD < 1.5V
VIL
Vss
0.2VDD
V
Ports A,B Test
VDD > 1.5V
VIL
Vss
0.3VDD
V
QIN with Regulator
VIL
Vss
0.1VREG V
QIN without Regulator
VIL
Vss
0.1VDD
V
QOUT (note 7)
Input High voltage
Ports A,B Test
VIH
0.7VDD
VDD
V
QIN with Regulator
VIH
0.9VREG
VREG
V
QIN without Regulator
VIH
0.9VDD
VDD
V
QOUT (note 7)
Output Low Current
VDD=1.5V , VOL=0.15V
IOL
1.1
mA
Port B
VDD=1.5V , VOL=0.30V
IOL
2.1
mA
VDD=1.5V , VOL=0.50V
IOL
1.55
3.1
mA
VDD=3.0V , VOL=0.15V
IOL
1.8
mA
VDD=3.0V , VOL=0.30V
IOL
3.6
mA
VDD=3.0V , VOL=0.50V
IOL
5.8
mA
VDD=3.0V , VOL=1.00V
IOL
5.5
11.0
mA
Output High Current
VDD=1.5V, VOH= VDD-0.15V
IOH
-0.6
mA
Port B
VDD=1.5V, VOH= VDD-0.30V
IOH
-1.1
mA
VDD=1.5V, VOH= VDD-0.50V
IOH
-1.5
-0.75
mA
VDD=3.0V, VOH= VDD-0.15V
IOH
-1.3
mA
VDD=3.0V , VOH= VDD-0.30V
IOH
-2.6
mA
VDD=3.0V , VOH= VDD-0.50V
IOH
-4.2
mA
VDD=3.0V , VOH= VDD-1.00V
IOH
-7.7
-3.85
mA
Input Pull-down
VDD=1.5V, Pin at 1.5V, 25
°C
RPD
15k
Ohm
Test
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
15k
Ohm
Input Pull-down
VDD=1.5V, Pin at 1.5V, 25
°C
RPD
100k
150k
300k
Ohm
Port A,B (note 8) weak
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
200k
300k
600k
Ohm
Input Pull-up
VDD=1.5V, Pin at 0.0V, 25
°C
RPU
500k
800k
2000k
Ohm
Port A,B (note 8) weak
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
115k
190k
475k
Ohm
Input Pull-down
VDD=1.5V, Pin at 1.5V, 25
°C
RPD
72k
102k
132k
Ohm
Port A,B (note 8) strong
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
70k
100k
130k
Ohm
Input Pull-up
VDD=1.5V, Pin at 0.0V, 25
°C
RPU
76k
109k
142k
Ohm
Port A,B (note 8) strong
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
72k
103k
134k
Ohm
Note 7 ; QOUT (OSC2) is used only with Quartz.
Note 8 : Weak or strong are standing for weak pull resp. strong pull transistor. Values are for R1=100kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com