Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 27 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 27 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 23Page - Analog Devices LT3073AVPBF Datasheet HTML 24Page - Analog Devices LT3073AVPBF Datasheet HTML 25Page - Analog Devices LT3073AVPBF Datasheet HTML 26Page - Analog Devices LT3073AVPBF Datasheet HTML 27Page - Analog Devices LT3073AVPBF Datasheet HTML 28Page - Analog Devices LT3073AVPBF Datasheet HTML 29Page - Analog Devices LT3073AVPBF Datasheet HTML 30Page - Analog Devices LT3073AVPBF Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
27 of 37
Stability and Output Capacitance
The LT3073 feedback loop requires a minimum output capacitance of 10μF for stability. ADI recommends mounting
low ESR, X5R or X7R ceramic capacitors near the LT3073 OUT and GND pins. Include wide routing planes for OUT and
GND to minimize inductance. If possible, mount the regulator immediately adjacent to the application load to
minimize distributed inductance for optimal load transient performance. Point-of-load applications present the
best-case layout scenario for extracting full LT3073 performance.
Additional ceramic capacitors distributed beyond the immediate decoupling capacitors are acceptable and
recommended at the point of the load because the distributed PCB inductance isolates them from the primary
compensation capacitors.
Many of the applications in which the LT3073 excels, such as FPGA, ASIC processor, or DSP supplies, typically require
a high-frequency decoupling capacitor network for the device being powered. This network generally consists of
many low-value ceramic capacitors in parallel. In parallel, multiple low-value capacitors present a favorable
frequency characteristic that reduces the parasitic inductance of the capacitors.
Consider the use of ceramic capacitors. Ceramic capacitors are manufactured with various dielectrics, each with
different temperatures and applied voltage behavior. The most common dielectrics are specified with EIA
temperature characteristic codes of Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are suitable for providing
high capacitances in a small package, but they tend to have strong voltage and temperature coefficients, as shown
in Figure 72 and Figure 73. When used with a 5V regulator, a 16V 10μF Y5V capacitor can exhibit an effective value as
low as 1μF to 2μF for the DC bias voltage applied and over the operating temperature range. The X5R and X7R
dielectrics result in more stable characteristics and are more suitable for use as the output capacitor.
The X7R type has better stability across temperatures, while the X5R is less expensive and is available in higher
values. Care still must be exercised when using X5R and X7R capacitors; the X5R and X7R codes only specify the
operating temperature range and maximum capacitance change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than Y5V and Z5U capacitors but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC bias characteristics tend to improve as component case size
increases but expected capacitance at operating voltage should be verified. Voltage and temperature coefficients
are not the only sources of problems. Some ceramic capacitors have a piezoelectric response. A piezoelectric device
generates a voltage across its terminals due to mechanical stress, similar to how a piezoelectric microphone works.
For a ceramic capacitor, the stress can be induced by vibrations in the system or thermal transients.
Figure 72. Ceramic Capacitor DC Bias Characteristics
Figure 73. Ceramic Capacitor Temperature Characteristics
20
0
–20
DC BIAS VOLTAGE (V)
0
2
4
6
8
10
12
Y5V
X5R
14
16
–40
–60
–80
–100
BOTH CAPACITORS ARE 16V
1210 CASE SIZE, 10µF
40
20
0
–20
DC BIAS VOLTAGE (V)
–50
–25
0
25
50
75
100
Y5V
X5R
125
–40
–60
–80
–100
BOTH CAPACITORS ARE 16V
1210 CASE SIZE, 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com