Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 10Page - Analog Devices LT3073AVPBF Datasheet HTML 11Page - Analog Devices LT3073AVPBF Datasheet HTML 12Page - Analog Devices LT3073AVPBF Datasheet HTML 13Page - Analog Devices LT3073AVPBF Datasheet HTML 14Page - Analog Devices LT3073AVPBF Datasheet HTML 15Page - Analog Devices LT3073AVPBF Datasheet HTML 16Page - Analog Devices LT3073AVPBF Datasheet HTML 17Page - Analog Devices LT3073AVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
14 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 16. GND Pin Current
Figure 17. GND Pin Current
Figure 18. BIAS Pin Current
Figure 19. BIAS Pin Current
Figure 20. BIAS Pin Current in Nap Mode
Figure 21. BIAS Pin Current in Dropout
VIN = 0.8V
VOUT = 0.5V
ILOAD = 50mA
ILOAD = 3A
BIAS VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1
2
3
4
5
6
7
8
9
10
VIN = 0.8V
VOUT = 0.5V
ILOAD = 50mA
TJ = +125°C
TJ = +25°C
TJ = –40°C
BIAS VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1
2
3
4
5
6
7
8
9
10
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
TJ = +125°C
TJ = +25°C
TJ = –40°C
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
7
8
9
10
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
ILOAD = 10mA
ILOAD = 3A
VEN = 0V
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
VIN = VOUT(NOMINAL) = 0.5V
VBIAS = 2.375V
VBIAS = 5.5V
LOAD CURRENT (A)
0.01
0.1
1
10
0
5
10
15
20
25
30
35
40
45
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com