Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 5 Page - Analog Devices

  LT3073AVPBF Datasheet HTML 1Page - Analog Devices LT3073AVPBF Datasheet HTML 2Page - Analog Devices LT3073AVPBF Datasheet HTML 3Page - Analog Devices LT3073AVPBF Datasheet HTML 4Page - Analog Devices LT3073AVPBF Datasheet HTML 5Page - Analog Devices LT3073AVPBF Datasheet HTML 6Page - Analog Devices LT3073AVPBF Datasheet HTML 7Page - Analog Devices LT3073AVPBF Datasheet HTML 8Page - Analog Devices LT3073AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
5 of 37
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RMON =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
TEMP Output Error 4
TJ = 25°C, VTEMP = 250mV
–5
5
°C
0°C < TJ ≤ 125°C
–9
9
Thermal Shutdown
TJ Rising
168
°C
Hysteresis
7
VBIAS Undervoltage
Lockout
EN = VBIAS, VIN = 0V, VOUT = 0V, VBIAS
Rising
2.16
2.2
2.24
V
EN = VBIAS, VIN = 0V, VOUT = 0V, VBIAS
Falling
2.03
2.07
2.11
Input to Output
Differential Voltage
Control (VIOC) 5
VIOC Amplifier Gain
1
V/V
VIOC Amplifier Offset
800
mV
VIOC Amplifier Accuracy, VIN- VOUT =
300mV
-20
20
VIOC Pin Source Current: VBIAS > VIOC
+1V
200
μA
VIL Input Threshold
(Logic-0 State) VO0, VO1,
VO2, MARG
Input Falling
0.3
V
VIZ Input Range (Logic-Z
State) VO0, VO1, VO2, MARG
0.95
1.15
V
VIH Input Threshold
(Logic-1 State) VO0, VO1,
VO2, MARG
Input Rising
1.97
V
Input Hysteresis VO0, VO1,
VO2, MARG
Rising and Falling
80
mV
Input Pin Sink Current
VO0, VO1, VO2, MARG
50
μA
EN Pin Threshold
EN Trip Point Rising (Turn-On), VBIAS =
2.375V
1.20
1.26
1.32
V
EN Pin Hysteresis
EN Trip Point Hysteresis, VBIAS =
2.375V
80
mV
EN Pin Current
IEN
VEN = 0V, VBIAS = 5.5V
±1
μA
VEN = 1.3V, VBIAS = 5.5V
0.5
VEN = 5.5V, VBIAS = 0V
10
20
VBIAS Ripple Rejection
PSRRBIAS
VBIAS = 2.7V(Avg),
VIN = 1.5V, VOUT =
1.2V
VRIPPLE = 500mVP-P,
fRIPPLE = 120Hz,
IOUT = 3A
106
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com