Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 13Page - Analog Devices LT3073AVPBF Datasheet HTML 14Page - Analog Devices LT3073AVPBF Datasheet HTML 15Page - Analog Devices LT3073AVPBF Datasheet HTML 16Page - Analog Devices LT3073AVPBF Datasheet HTML 17Page - Analog Devices LT3073AVPBF Datasheet HTML 18Page - Analog Devices LT3073AVPBF Datasheet HTML 19Page - Analog Devices LT3073AVPBF Datasheet HTML 20Page - Analog Devices LT3073AVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
17 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 34. VIOC Pin Voltage
Figure 35. VIOC Pin Voltage
Figure 36. IOUT/IMON Ratio
Figure 37. IOUT/IMON Ratio
Figure 38. External Current Limit (3.72A)
Figure 39. External Current Limit (3A)
VIN = 1.4V
VOUT = 1.2V
VBIAS = 2.5V
ILOAD = 10mA
CURRENT FLOWING OUT OF VIOC PIN
VIOC PIN CURRENT (µA)
0
25
50
75
100
125
150
175
200
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
VIN = 1.4V
VOUT = 1.2V
VBIAS = 2.5V
ILOAD = 10mA
IVIOC = 10µA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
RMON = 0.8kΩ
VOUT = 1V
VIN = 1.2V
VBIAS = 3.3V
TJ = +125°C
TJ = +25°C
TJ = –40°C
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
2800
2840
2880
2920
2960
3000
3040
3080
3120
3160
3200
VOUT = 1V
VIN = 1.2V
VBIAS = 3.3V
ILOAD = 3A
IMON PIN VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2995
2996
2997
2998
2999
3000
3001
3002
3003
3004
3005
VIN = 1.3V
VOUT = 0V
RIMON = 806Ω
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
3.60
3.65
3.70
3.75
3.80
3.85
3.90
VIN = 1.3V
VOUT = 0V
RIMON = 1kΩ
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com