Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 21Page - Analog Devices LT3073AVPBF Datasheet HTML 22Page - Analog Devices LT3073AVPBF Datasheet HTML 23Page - Analog Devices LT3073AVPBF Datasheet HTML 24Page - Analog Devices LT3073AVPBF Datasheet HTML 25Page - Analog Devices LT3073AVPBF Datasheet HTML 26Page - Analog Devices LT3073AVPBF Datasheet HTML 27Page - Analog Devices LT3073AVPBF Datasheet HTML 28Page - Analog Devices LT3073AVPBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
25 of 37
REF – Voltage Reference
The REF pin is the voltage output of the internal current reference feeding into a resistor DAC. A 4.7µF REF capacitor
to GND decreases reference voltage noise, and soft starts OUT at enable. Soft-start time is determined by the value
of the REF capacitor used.
The REF pin must not be DC loaded by anything except for applications that parallel other LT3073 regulators for
higher output currents. See the Paralleling Devices for Higher Output Current section for further details.
Output Voltage Digital Margining
A digital input pin, MARG, is employed by offsetting the internal reference and, likewise the output. Grounding the
MARG pin offsets the output by –2.5%. Similarly, pulling the MARG pin up to the BIAS pin offsets the output by +2.5%.
Enable Function – Turning ON and OFF
The EN pin enables/disables the OUT and REF pins. Pulling EN pin low places the regulator into “nap” mode. In nap
mode, the quiescent current decreases to less than 10µA.
Drive the EN pin with either a digital logic port, or an open-collector NPN or an open-drain NMOS terminated with a
pull-up resistor to VBIAS. The pull-up resistor must be less than 200kΩ to meet the VIH condition of the EN pin. If unused,
connect the EN pin to BIAS.
BIAS Under Voltage Lock Out
An internal under voltage lock out (UVLO) comparator monitors the BIAS rail. If VBIAS drops below the UVLO threshold,
all functions shut down, the pass transistors are gated off, and output currents fall to zero. The typical BIAS pin UVLO
threshold is 2.2V on the rising edge of VBIAS. The UVLO circuit incorporates about 130mV of hysteresis on the falling
edge of VBIAS.
High Efficiency Linear Regulator – Input-to-Output Voltage Control
The VIOC pin controls an upstream switching converter to maintain a constant voltage across the LT3073, regardless
of the LDO’s output voltage. This maximizes efficiency while maintaining PSRR performance. The VIOC pin is the
output of a fast amplifier and equals to (VIN – VOUT) + 800mV. As shown in Figure 70, the VIOC feature is simple to use.
In the case of VFB ≥ 1V, connect the VIOC pin to the upstream switching converter’s feedback (FB) pin. This will regulate
the LT3073’s input-to-output differential to the switching converter’s feedback voltage minus 800mV. When
paralleling multiple LT3073s, connect the VIOC pin of one of the LT3073 to the upstream switching converter’s
feedback pin and float the remaining VIOC pin(s). When LT3073 is turned off, VINLDO is clamped to a voltage set by
VFBSWITCHER x (R1 + R2)/R1
Figure 70.VIOC Basic Operation
51kΩ
806Ω
R1
2.2µF
22µF
4.7µF
800mV
VIN
OUT
BIASF
LT3073
VOUTLDO = 0.5V
IOUT(MAX) = 3A
VO2
VO1
VO0
VBIAS
3.3V
IN
EN
VIOC
MARG
GND
SENSE
TEMP
IMON
POWER
GOOD
BIAS
PG
REF
UPSTREAM
DC TO DC
CONVERTER
VFB >= 1V
VIN
EN/UV
GND
SW
FB
R2
VINLDO
1×
+ –
VFBSWITCHER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com