Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 29 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 25Page - Analog Devices LT3073AVPBF Datasheet HTML 26Page - Analog Devices LT3073AVPBF Datasheet HTML 27Page - Analog Devices LT3073AVPBF Datasheet HTML 28Page - Analog Devices LT3073AVPBF Datasheet HTML 29Page - Analog Devices LT3073AVPBF Datasheet HTML 30Page - Analog Devices LT3073AVPBF Datasheet HTML 31Page - Analog Devices LT3073AVPBF Datasheet HTML 32Page - Analog Devices LT3073AVPBF Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
29 of 37
Figure 74. EVAL-LT3073-AZ Evaluation Board
Protection Features
The LT3073 has an internal current limit that clamps output current to 4.5A. In addition, the LT3073 has a ±3%
accurate programmable precision current limit. The die junction temperature can exceed the 125°C maximum
operating temperature if the ambient temperature is high enough. If this occurs, the LT3073 relies on an internal
thermal safety feature. Typically at 168°C, the LT3073 thermal shutdown engages and the output is shut down until
the IC temperature falls below its thermal hysteresis limit.
Current Monitor and Externally Programmable Current Limit
The IMON pin’s current limit threshold is 1V. Connecting a resistor from IMON to GND sets the maximum current
flowing out of the IMON pin, which in turn, programs LT3073’s current limit. With a 3A•kΩ programming scale factor,
the current limit can be calculated as follows:
������������������������������������������ ������������������������������ =
3������ × ������������
������������������������������
For example, a 1kΩ resistor programs the current limit to 3A, and a 2kΩ resistor programs the current limit to 1.5A.
Kelvin connect this resistor to the LT3073’s GND pin for good accuracy.
As shown in the electrical characteristic table (Table 1), the IMON pin sources current proportional (1:3000) to output
current; if the external current limit is not used, connect IMON to GND, which sets the Internal current limit to 4.5A.
Thermal Considerations
For higher ambient temperatures, care should be taken in the layout of the PCB to ensure good heat sinking of the
LT3073. The IN and OUT pins on the bottom of the package should be soldered to IN and OUT planes accordingly. In
addition, the IN and OUT must be connected to large copper layers below with thermal vias; these layers will spread
heat dissipated by the LT3073. Placing additional vias can reduce thermal resistance further. The die temperature is
calculated by multiplying the LT3073 power dissipation by the thermal resistance from the junction to the ambient.
The internal overtemperature protection monitors the junction temperature of the LT3073. If the junction
temperature reaches approximately 168°C, the LT3073 output is shut down until the temperature drops about 7°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com