Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 11Page - Analog Devices LT3073AVPBF Datasheet HTML 12Page - Analog Devices LT3073AVPBF Datasheet HTML 13Page - Analog Devices LT3073AVPBF Datasheet HTML 14Page - Analog Devices LT3073AVPBF Datasheet HTML 15Page - Analog Devices LT3073AVPBF Datasheet HTML 16Page - Analog Devices LT3073AVPBF Datasheet HTML 17Page - Analog Devices LT3073AVPBF Datasheet HTML 18Page - Analog Devices LT3073AVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
15 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 22. BIAS Pin Current in Dropout
Figure 23. BIAS Pin Current in Dropout
Figure 24. BIAS Pin Undervoltage Lockout Threshold
Figure 25. EN Pin Threshold
Figure 26. EN Pin Current
Figure 27. VO0, VO1, VO2 and MARG Pin Thresholds
ILOAD = 100mA
VIN = VOUT(NOMINAL) = 0.5V
VIN = VOUT(NOMINAL) = 1.2V
VIN = VOUT(NOMINAL) = 3.3V
BIAS VOLTAGE (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
VIN = VOUT(NOMINAL) = 0.5V
ILOAD = 100mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
VBIAS RISING
VBIAS FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
EN RISING
EN FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
25°C
125°C
VBIAS = 5.5V
EN PIN VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40°C
LOGIC Hi-Z TO LOGIC LOW
LOGIC LOW TO LOGIC Hi-Z
LOGIC Hi-Z TO LOGIC HIGH
LOGIC HIGH TO LOGIC Hi-Z
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com