Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 22Page - Analog Devices LT3073AVPBF Datasheet HTML 23Page - Analog Devices LT3073AVPBF Datasheet HTML 24Page - Analog Devices LT3073AVPBF Datasheet HTML 25Page - Analog Devices LT3073AVPBF Datasheet HTML 26Page - Analog Devices LT3073AVPBF Datasheet HTML 27Page - Analog Devices LT3073AVPBF Datasheet HTML 28Page - Analog Devices LT3073AVPBF Datasheet HTML 29Page - Analog Devices LT3073AVPBF Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
26 of 37
While the VIOC buffer is inside the switching converter’s feedback loop, given the VIOC buffer’s high bandwidth, the
switching converter’s frequency compensation doesn’t need to be adjusted. Phase delay through the VIOC buffer is
typically less than 2° for frequencies as high as 100kHz; hence, within the switching converter’s bandwidth (usually
much less than 100kHz), the VIOC buffer will be transparent and act like an ideal wire.
For example, for a switching converter with less than 100kHz bandwidth and a phase margin of 50°, using the VIOC
buffer, the phase margin will degrade by at most 2°. Hence, the phase margin for the switching converter (using the
VIOC pin) will be at least 48°. Given that the VIOC buffer is inside the switching converter’s feedback loop, the total
capacitance on the VIOC pin must be below 20pF.
Figure 71.Programming input-to-Output Voltage Differential
As shown in Figure 71, the input-to-output differential voltage is easily programmable to support different
application needs (PSRR vs power dissipation) using the following equation:
������������������������������������ − ������������������������������������������ + 800������������ = ������������������������������ = ������������������������������������������������������������������������
������1+������2
������1
Furthermore, if the LT3073 EN pin shorts to GND, the LT3073 input voltage can rise to the switcher’s input voltage
and thus potentially violate the LT3073’s absolute maximum rating. To prevent this, the maximum LT3073 input
voltage can be set using a resistor (R3) between the VIOC and IN pins of the regulator such that:
������(������������������)������������������������������ = ������������������������������������������������������������������������
������1 + ������2 + ������3
������1
The VIOC pin is capable of sourcing 200µA. Choose R1 and R3 values such that the VIOC pin sources at least 10μA to
ensure system stability.
Figure 76 shows a typical VIOC application used to post-regulate the output of the LT8610A buck converter. The VIOC
voltage is set at 1.1V (VINLDO-VOUTLDO is set to 300mV). The maximum LDO input voltage VINLDO(MAX) is set to 5.08V.
Power Good
The PG pin is an open-drain NMOS output that actively pulls low if EN is low or if any one of these fault modes is
detected:
VOUT is less than 93% of VOUT(NOMINAL) on the rising edge of VOUT.
VOUT is less than 90% of VOUT(NOMINAL) on the falling edge of VOUT.
VBIAS is less than its undervoltage lockout threshold.
The OUT-over-IN voltage detector activates.
51kΩ
806Ω
R1
R2
2.2µF
22µF
4.7µF
800mV
VIN
OUT
BIASF
LT3073
VOUTLDO = 0.5V
IOUT(MAX) = 3A
VO2
VO1
VO0
FB
VBIAS
3.3V
IN
EN
VIOC
MARG
GND
SENSE
TEMP
IMON
POWER
GOOD
BIAS
PG
REF
UPSTREAM
DC TO DC
CONVERTER
V
≥ 1V
VIN
EN/UV
GND
SW
FB
VINLDO
1×
+ –
VFBSWITCHER
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com