Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 12Page - Analog Devices LT3073AVPBF Datasheet HTML 13Page - Analog Devices LT3073AVPBF Datasheet HTML 14Page - Analog Devices LT3073AVPBF Datasheet HTML 15Page - Analog Devices LT3073AVPBF Datasheet HTML 16Page - Analog Devices LT3073AVPBF Datasheet HTML 17Page - Analog Devices LT3073AVPBF Datasheet HTML 18Page - Analog Devices LT3073AVPBF Datasheet HTML 19Page - Analog Devices LT3073AVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
16 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 28. VO0, VO1, VO2 and MARG Pin Hysteresis
Figure 29. Power Good Threshold
Figure 30. PG Pin Low Voltage
Figure 31. PG Pin Leakage Current
Figure 32. TEMP Pin Error
Figure 33. TEMP Pin Voltage vs Temperature
LOGIC LOW TO LOGIC Hi-Z TRANSITION
LOGIC Hi-Z TO LOGIC HIGH TRANSITION
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
180
200
VOUT RISING
VOUT FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
88
89
90
91
92
93
94
95
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
IPG = 200µA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–20
20
60
100
140
180
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com