Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 21 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 17Page - Analog Devices LT3073AVPBF Datasheet HTML 18Page - Analog Devices LT3073AVPBF Datasheet HTML 19Page - Analog Devices LT3073AVPBF Datasheet HTML 20Page - Analog Devices LT3073AVPBF Datasheet HTML 21Page - Analog Devices LT3073AVPBF Datasheet HTML 22Page - Analog Devices LT3073AVPBF Datasheet HTML 23Page - Analog Devices LT3073AVPBF Datasheet HTML 24Page - Analog Devices LT3073AVPBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
21 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 58. Noise Spectral Density
Figure 59. Integrated RMS Output Noise (10Hz to 100kHz)
Figure 60. Integrated RMS Output Noise (10Hz to 100kHz)
Figure 61. Integrated RMS Output Noise (10Hz to 100kHz)
Figure 62. Output Noise (10Hz to 100kHz)
Figure 63. Output Noise (0.1Hz to 10Hz)
VIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
CREF = 4.7µF
ILOAD = 3A
COUT = 10µF
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.3V
VOUT = 1V
VBIAS 3.3V
COUT = 22µF
CREF = 4.7µF
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.4
0.8
1.2
1.6
2.0
VIN = VOUT + 0.3V
VBIAS = 5.5V
CREF = 4.7µF
COUT = 22µF
ILOAD = 3A
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
COUT = 22µF
ILOAD = 3A
REF PIN CAPACITANCE (µF)
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN = 1.3V
VOUT = 1V
CREF = 4.7µF
COUT = 22µF
ILOAD = 3A
1ms/DIV
5µV/DIV
1s/DIV
5µV/DIV
VIN = 1.3V
VOUT = 1V
CREF = 4.7µF
COUT = 22µF
ILOAD = 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com