Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 35 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 35 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 29Page - Analog Devices LT3073AVPBF Datasheet HTML 30Page - Analog Devices LT3073AVPBF Datasheet HTML 31Page - Analog Devices LT3073AVPBF Datasheet HTML 32Page - Analog Devices LT3073AVPBF Datasheet HTML 33Page - Analog Devices LT3073AVPBF Datasheet HTML 34Page - Analog Devices LT3073AVPBF Datasheet HTML 35Page - Analog Devices LT3073AVPBF Datasheet HTML 36Page - Analog Devices LT3073AVPBF Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
35 of 37
RELATED PARTs
Table 11. Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
LT3070-1
5A, Low Noise, Programmable VOUT,
85mV Dropout Linear Regulator with
Digital Margining
85mV Dropout Voltage, Digitally Programmable
VOUT: 0.8V to 1.8V, Digital Output Margining: ±1%,
±3% or ±5%, Low Output Noise:25μVRMS; Directly
Parallelable, Soft Start, Stable with Low ESR
Ceramic Output Capacitors (15μF Minimum),
28 Lead 4mm × 5mm QFN Package.
LT3071
5A, Low Noise, Programmable VOUT,
85mV Dropout Linear Regulator with
Analog Margining
85mV Dropout Voltage, Digitally Programmable
VOUT: 0.8V to 1.8V, Analog Margining: ±10%, Low
Output Noise: 25μVRMS; Directly Parallelable,
Output Current Monitor, Stable with Low ESR
Ceramic Output Capacitors (15μF Minimum), 28
Lead 4mm × 5mm QFN Package.
LT3072
Dual, Low Noise, 2.5A
Programmable Output, 80mV Low
Dropout Linear Regulator
Dual, Independent 2.5A Outputs, Dropout Voltage:
80mV, Low Output Noise: 12μVRMS (10Hz to 100kHz),
Digitally Programmable VOUT: 0.6V to 2.5V, Output
Tolerance: ±1.25%/±1.5% Over-load, Line and
Temperature, Analog Output Margining: ±10%
Range, 36-Lead 4mm × 7mm QFN Package.
ADP1763
3A, Low VIN, Low Noise,
CMOS Linear Regulator
95mV Dropout, Fixed (0.9V to 1.5V) and Adjustable
(0.5V to 1.5V) VOUT, VIN = 1.1V to 1.98V, 2µVRMS Noise
(100Hz to 100kHz), Programmable Soft Start,
Direct Parallelable, Stable with Ceramic Capacitors
(10µF minimum), AEC-Q100 qualified,
16-Lead 3mm x 3mm LFCSP Package.
ADP1765
5A, Low VIN, Low Noise,
CMOS Linear Regulator
59mV Dropout, Fixed (0.55V to 1.5V) and Adjustable
(0.5V to 1.5V) VOUT, VIN = 1.1V to 1.98V, 2µVRMS Noise
(100Hz to 100kHz), Programmable Soft Start, Direct
Parallelable, Stable with Ceramic Capacitors (22µF
minimum), 16-Lead 3mm x 3mm LFCSP Package.
MAX38907
4A, High-Performance LDO Linear
Regulator
79mV Dropout, Digitally Programmable VOUT: 0.6V
to 5V, VIN = 0.9V to 5.5V, Digital Margining: ±5%,
Programmable Soft Start, Reverse Current
Protection, Active Discharge, 20-Lead 5mm x 5mm
TQFN Package.
LT3041
20V, 1A, Ultra-low Noise, Ultra-high
PSRR Linear Regulator with VIOC
Control
1µVRMS Noise (10Hz to 100kHz), 8µVP-P Noise (0.1Hz
to 10Hz), 80dB PSRR at 1MHz, VIN = 2.2V to 20V, VOUT
= 0.2V to 15V, 310mV Dropout, Direct Parallelable,
Programmable Current Limit and Power Good,
Stable with Low ESR Ceramic Capacitors (2x 10µF
Minimum), 14-Lead 4mm x 3mm DFN Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com