Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT3073AVPBF Datasheet HTML 1Page - Analog Devices LT3073AVPBF Datasheet HTML 2Page - Analog Devices LT3073AVPBF Datasheet HTML 3Page - Analog Devices LT3073AVPBF Datasheet HTML 4Page - Analog Devices LT3073AVPBF Datasheet HTML 5Page - Analog Devices LT3073AVPBF Datasheet HTML 6Page - Analog Devices LT3073AVPBF Datasheet HTML 7Page - Analog Devices LT3073AVPBF Datasheet HTML 8Page - Analog Devices LT3073AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Data Sheet
LT3073
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2022 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Ultra-low RMS Noise: 1.2μVRMS (10Hz to 100kHz)
Ultra-low Spot Noise: 3nV/√ at 10kHz
Ultra-low1/fNoise:7µVP-P from0.1Hz to 10Hz
High-Frequency PSRR: 52dB at 1MHz
Ultra-fast Transient Response
Dropout Voltage: 45mV Typical
Digitally Programmable VOUT: 0.5V to 4.2V
Output Tolerance
: ±1.5% Over Line, Load, and
Temperature
Precision Current Monitor: ±3% accuracy at 3A
Programmable Current Limit: ±3% at 3A
Input Range: 0.6V to 5.5V
Digital Output Margining: ±2.5%
Stable with Ceramic Output Capacitors (10μF
Minimum)
ParallelMultipleDevicesforHigherCurrent
VIOC Pin to Control Upstream Switching Converter
Precision Enable/Under Voltage Lock Out (UVLO)
Power Good (PG) Flag
Temperature Monitor
22-Lead (3mm x 4mm) LQFN Package
APPLICATIONS
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
High Speed/High Precision Data Converters
Low Noise Instrumentation
Post-Regulator for Switching Supplies
FPGA and DSP Power Supplies
Medical Applications
GENERAL DESCRIPTION
The LT®3073 is a low voltage, ultra-low noise, and
ultra-fast transient response linear regulator. The
device supplies up to 3A with a typical dropout
voltage of 45mV. A 4.7µF reference bypass capacitor
decreases output voltage noise to 1.2µVRMS. The wide
bandwidth and high PSRR permit the use of small
ceramic capacitors, saving bulk capacitance and cost.
The LT3073 is ideal for powering high-performance
FPGAs, data converters, RF, and noise-sensitive signal
chain applications.
The output voltage is digitally selectable in 50mV
increments from 0.5V to 1.2V, 100mV increments from
1.2V to 1.8V, and discrete levels at 2V, 2.5V, 3V, 3.3V,
and 4.2V. The LT3073’s unity-gain operation provides
virtually constant output noise, PSRR, bandwidth,
and load regulation independent of the programmed
output voltage. In addition, the LT3073 incorporates
a unique tracking feature (VIOC) to control the
upstream switching regulator to maintain a constant
voltage across the LT3073 and minimize power
dissipation.
A precision current monitor provides power
monitoring for system energy management, while
precision current limiting allows users to minimize
input power supply size and cost. Built-in protection
includes UVLO, internal current limit, and thermal
shutdown with hysteresis. The LT3073 is available in
a compact 22-lead (3mm X 4mm) LQFN package
(Laminate package with QFN footprint).
SIMPLIFIED APPLICATION DIAGRAM
Figure 1. Simplified Application Diagram
Figure 2. Transient Response
51kΩ
806Ω
22µF
4.7µF
2.2µF
VIN
VOUT + 0.1V TO 5.5V
0.5V TO 4.2V
3A MAX IOUT
2.375V TO 5.5V AND
VBIAS ≥ VOUT + 1.2V
OUT
IN
BIASF
LT3073
VOUT
VO2
VO1
VO0
VBIAS
PROGRAM
VOUT
BIAS
PG
EN
VOIC
MARG
GND
SENSE
TEMP
IMON
VIMON
POWER
GOOD
REF
COUT = 10µF
IOUT = 300mA TO 3A
3A/µs SLEW RATE
VOUT(NOMINAL) = 1V
VIN = 1.3V
VBIAS = 3.3V
5µs/DIV
IOUT
2A/DIV
VOUT
AC-COUPLED
20mV/DIV


Similar Part No. - LT3073AVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3073 AD-LT3073 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
LT3073 AD-LT3073 Datasheet
2Mb / 62P
5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
Rev.0
More results

Similar Description - LT3073AVPBF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com