Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073AVPBF Datasheet(PDF) 32 Page - Analog Devices

Part # LT3073AVPBF
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073AVPBF Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3073AVPBF Datasheet HTML 28Page - Analog Devices LT3073AVPBF Datasheet HTML 29Page - Analog Devices LT3073AVPBF Datasheet HTML 30Page - Analog Devices LT3073AVPBF Datasheet HTML 31Page - Analog Devices LT3073AVPBF Datasheet HTML 32Page - Analog Devices LT3073AVPBF Datasheet HTML 33Page - Analog Devices LT3073AVPBF Datasheet HTML 34Page - Analog Devices LT3073AVPBF Datasheet HTML 35Page - Analog Devices LT3073AVPBF Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
32 of 37
TYPICAL APPLICATION CIRCUITS
Figure 75.Paralleling Multiple LT3073s for Higher Output Current
IREF
MPWR
RPG
51kΩ
CBIASF1
2.2µF
CREF
4.7µF
COUT1
22µF
CIN1
47µF
RBALLAST1
2mΩ
806Ω
806Ω
BIAS
EN/UV
PG
VO0
VO1
VO2
GND
IMON
REF
SENSE
OUT
IN
BIASF
REFERENCE
DAC
VOUT
VBIAS
0.5V
6A MAX IOUT
0.7V
2.375V
LT3073
BIAS
EN/UV
PG
VO0
VO1
VO2
GND
IMON
REF
SENSE
OUT
IN
BIASF
VIOC
TEMP
VIOC
TEMP
VIN
RBALLAST2
2mΩ
CBIASF2
2.2µF
LT3073
REFERENCE
DAC
IREF
MPWR
CIN2
47µF
COUT2
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com