Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 151Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 152Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 153Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 154Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 155Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 156Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 157Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 158Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 159 page
background image
DS13564 Rev 4
155/159
STM32G0C1xC/xE
156
6.11
Thermal characteristics
The operating junction temperature TJ must never exceed the maximum given in
The maximum junction temperature in °C that the device can reach if respecting the
operating conditions, is:
TJ(max) = TA(max) + PD(max) x ΘJA
where:
TA(max) is the maximum operating ambient temperature in °C,
ΘJA is the package junction-to-ambient thermal resistance, in °C/W,
PD = PINT + PI/O,
–PINT is power dissipation contribution from product of IDD and VDD
–PI/O is power dissipation contribution from output ports where:
PI/O = Σ (VOL × IOL) + Σ ((VDDIO1 – VOH) × IOH),
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high
level in the application.
6.11.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (still air). Available from www.jedec.org.
6.11.2
Selecting the product temperature range
The temperature range is specified in the ordering information scheme shown in Section 7:
Ordering information.
Table 24: General operating conditions
Table 93. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
Junction-
to-ambient
Junction-
to-board
Junction-
to-case
Θ
Thermal resistance
LQFP100 14 × 14 mm
47
23
9
°C/W
UFBGA100 7 × 7 mm
48
30
12
LQFP80 12 x 12 mm
51
24
10
LQFP64 10 × 10 mm
53
25
11
UFBGA64 5 × 5 mm
51
32
32
WLCSP52 3.09 × 3.15 mm
55
23
3
LQFP48 7 × 7 mm
59
27
13
UFQFPN48 7 × 7 mm
28
12
9
LQFP32 7 × 7 mm
59
27
13
UFQFPN32 5 × 5 mm
35
20
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com