Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 151Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 152Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 153Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 154Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 155Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 156Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 157Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 158Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 159 page
background image
STM32G0C1xC/xE
156/159
DS13564 Rev 4
Each temperature range suffix corresponds to a specific guaranteed ambient temperature at
maximum dissipation and to a specific maximum junction temperature.
As applications do not commonly use microcontrollers at their maximum power
consumption, it is useful to calculate the exact power consumption and junction temperature
to determine which temperature range best suits the application.
The following example shows how to calculate the temperature range needed for a given
application.
Example:
Assuming the following worst application conditions:
•
ambient temperature TA = 50 °C (measured according to JESD51-2)
•
IDD = 50 mA; VDD = 3.6 V
•
20 I/Os simultaneously used as output at low level with IOL = 8 mA (VOL= 0.4 V), and
•
8 I/Os simultaneously used as output at low level with IOL = 20 mA (VOL= 1.3 V),
the power consumption from power supply PINT is:
PINT = 50 mA × 3.6 V= 118 mW,
the power loss through I/Os PIO is
PIO = 20 × 8 mA × 0.4 V + 8 × 20 mA × 1.3 V = 272 mW,
and the total power PD to dissipate is:
PD = 180 mW + 272 mW = 452 mW
For a package with ΘJA= 65 °C/W, the junction temperature stabilizes at:
TJ = 50°C + (65 °C/W × 452 mW) = 50 °C + 29.4 °C = 79.4 °C
As a conclusion, product version with suffix 6 (maximum allowed TJ = 105° C) is sufficient
for this application.
If the same application was used in a hot environment with maximum TA greater than
75.5 °C, the junction temperature would exceed 105°C and the product version allowing
higher maximum TJ would have to be ordered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com