Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 9Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 10Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 11Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 12Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 13Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 14Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Pin and Signal Descriptions
DSP56651 Pin Description
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
1-7
Table 1-2
DSP56651 PBGA Signal Identification by Name
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.
A0
G1
CKOH
J4
D9
P5
A1
H3
COL0
N11
D10
N6
A2
G5
COL1
M11
D11
L6
A3
G4
COL2
P12
D12
K6
A4
G3
COL3
N12
D13
M7
A5
F5
COL4
P13
D14
P6
A6
F4
COL5
M12
D15
N7
A7
F2
COL6
N13
DSP_DE
F12
A8
E1
COL7
M13
DSP_IRQ
A9
A9
F3
CS0
L1
EB0
H4
A10
E4
CS1
L2
EB1
H2
A11
E3
CS2
M2
GND
E10
A12
E2
CS3
N1
GND
E5
A13
D1
CS4
M3
GND
F6
A14
D4
CS5
N2
GND
F7
A15
D2
CTS
D14
GND
F8
A16
D3
D0
N3
GND
F9
A17
C2
D1
M4
GND
G6
A18
B2
D2
P2
GND
G7
A19
C3
D3
P3
GND
G8
A20
A2
D4
N4
GND
G9
A21
B3
D5
L4
GND
H6
CKIH
H1
D6
P4
GND
H7
CKIL
H5
D7
N5
GND
H8
CKO
K1
D8
M6
GND
H9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com