Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 63 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 59Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 60Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 61Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 62Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 63Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 64Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 65Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 66Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
3-1
SECTION
3
PACKAGING
PACKAGE INFORMATION
This section provides information about the available packages for this product. The
DSP56651 is available in a 196-pin plastic ball grid array (PBGA) package.
The DSP56651 part (RAM-based DSP program memory) is delivered in a 17-mm
(outline) PBGA
package having a solder-ball footprint identical to that of the
15 mm PBGA. Compatibility between the footprints of the two packages is
maintained to minimize impact to the customer’s application board routing, such
that the same board can be used for both the DSP56651 and DSP56652.
196 PBGA (GT), 17 x 17 mm, with Footprint of 15-mm PBGA
The DSP56651 is offered in the non-JEDEC standard, 17-mm PBGA package. The
package is “non-standard” in that the single outermost row of solder balls in the
array is removed, leaving a 14 x 14 array (196) of solder balls. This package footprint
is identical to that of the JEDEC standard 15 mm (outline) 196 PBGA. The pitch of the
solder balls is 1 mm. Refer to the following table and figure for package drawing
and dimensions.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com