Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 56 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 52Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 53Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 54Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 55Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 56Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 57Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 58Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 59Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
Preliminary
2-14
DSP56651 Technical Data Sheet
MOTOROLA
Specifications
Audio Serial Codec and Baseband Serial Codec Timing
Table 2-13
SAP and BBP Timing
Num
Characteristics
Symbol
Expression
DSP @ 58.8
MHz
Case
Unit
Min Max
430
Clock cycle1
tSSICC
4
× TDC
3
× TDC
68
51
—
—
i ck
x ck
ns
ns
431
Clock high period
for internal clock
for external clock
—
2
× TDC – 12.2
1.5
× TDC
21.8
25.5
—
—
ick
xck
ns
ns
432
Clock low period
for internal clock
for external clock
—
2
× TDC – 12.2
1.5
× TDC
21.8
25.5
—
—
ick
xck
ns
ns
433
RXC rising edge to FSR out (bl) high
—
—
—
—
45.1
26.8
x ck
i ck a
ns
ns
434
RXC rising edge to FSR out (bl) low
—
—
—
—
45.1
26.8
x ck
i ck a
ns
ns
435
RXC rising edge to FSR out (wr) high2
——
—
—
47.6
29.3
x ck
i ck a
ns
ns
436
RXC rising edge to FSR out (wr) low2
——
—
—
47.6
29.3
x ck
i ck a
ns
ns
437
RXC rising edge to FSR out (wl) high
—
—
—
—
45.9
25.6
x ck
i ck a
ns
ns
438
RXC rising edge to FSR out (wl) low
—
—
—
—
45.1
26.8
x ck
i ck a
ns
ns
439
Data in setup time before RXC
(SCK in synchronous mode) falling edge
—
—
0.0
23.2
—
—
x ck
i ck
ns
ns
440
Data in hold time after RXC
falling edge
—
—
6.1
3.6
—
—
x ck
i ck
ns
ns
441
FSR input (bl, wr) high before RXC
falling edge2
—
—
1.2
28.0
—
—
x ck
i ck a
ns
ns
442
FSR input (wl) high before RXC
falling edge
—
—
1.2
28.0
—
—
x ck
i ck a
ns
ns
443
FSR input hold time after RXC falling
edge
—
—
3.6
0.0
—
—
x ck
i ck a
ns
ns
444
Flags input setup before RXC
falling edge
—
—
0.0
23.2
—
—
x ck
i ck s
ns
ns
445
Flags input hold time after RXC
falling edge
—
—
7.3
0.0
—
—
x ck
i ck s
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com