Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 60 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 56Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 57Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 58Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 59Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 60Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 61Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 62Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 63Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
Preliminary
2-18
DSP56651 Technical Data Sheet
MOTOROLA
Specifications
JTAG Port Timing
JTAG PORT TIMING
Table 2-14
JTAG Timing
Num
Characteristics
Expression
DSP @ 58.8 MHz
Unit
Min
Max
500
TCK frequency of operation
1/(3
× T
DC)
0.0
19.6
MHz
501
TCK cycle time in crystal mode
—
45.0
—
ns
502
TCK clock pulse width measured at 1.5 V
—
20.0
—
ns
503
TCK rise and fall times
—
0.0
3.0
ns
504
Boundary scan input data setup time
—
5.0
—
ns
505
Boundary scan input data hold time
—
24.0
—
ns
506
TCK low to output data valid
—
0.0
40.0
ns
507
TCK low to output high impedance
—
0.0
40.0
ns
508
TMS, TDI data setup time
—
5.0
—
ns
509
TMS, TDI data hold time
—
25.0
—
ns
510
TCK low to TDO data valid
—
0.0
44.0
ns
511
TCK low to TDO high impedance
—
0.0
44.0
ns
512
TRST assert time
—
100.0
—
ns
513
TRST setup time to TCK low
—
40.0
—
ns
Figure 2-11
Test Clock Input Timing Diagram
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503
AA0496
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com