Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 25 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 23Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 24Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 25Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 26Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 27Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 28Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
Pin and Signal Descriptions
DSP56651 Signal Description
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
1-19
Interrupts
Table 1-12
Interrupt Signals
Signal
Name
Signal
Type
State
during
Reset
Signal Description
INT0–INT3
Input or
Output
Input
Interrupt 0–interrupt 3
—These signals can be programmed as
interrupt inputs or GPIO signals. The signals have on-chip 100 k
Ω
pull-up resistors.
As Schmitt trigger interrupt inputs the signals can be programmed
to be level sensitive, positive edge-triggered, or negative edge-
triggered. When edge-triggered, triggering occurs at a voltage level
and is not directly related to the fall time of the interrupt signal;
however, as signal fall time of the interrupt signal increases, the
probability of generating multiple interrupts due to this noise also
increases.
The signals are GPIOs when not programmed as interrupts. After
reset, the default state for these signals is general purpose input
(GPI).
INT4–INT5
Input or
Output
Input
Interrupt 4–interrupt 5
—These signals can be programmed as
interrupt inputs or GPIO signals, and have 10-27k
Ω pull-up
resistors.
As Schmitt trigger interrupt inputs, the signals can be programmed
to be level sensitive, positive edge-triggered, or negative edge-
triggered. When edge-triggered, triggering occurs at a voltage level
and is not directly related to the fall time of the interrupt signal;
however, as signal fall time of the interrupt signal increases, the
probability of generating multiple interrupts due to this noise also
increases.
The signals are GPIOs when not programmed as interrupts. After
reset, the default state for these signals is GPI.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com