Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 45 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 41Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 42Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 43Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 44Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 45Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 46Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 47Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 48Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Specifications
DC Electrical Characteristics
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
2-3
DC ELECTRICAL CHARACTERISTICS
Table 2-3
DC Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Units
Internal supply voltage
VCCI
2.3
—
2.5
V
External supply voltage
VCCE
VCCI
—
3.4
V
I/O predriver supply voltage
VCCHQ
VCCE
—
3.4
V
Input high voltage
VIH
0.7
× V
CCE
—VCCE + 0.2
V
Input low voltage
VIL
–0.3
—
0.2
× V
CCE
V
Input leakage current
IIN
–10
—
10
µA
Output high voltage (IOH = –400 µA)
VOH
0.75
× V
CCE
—VCCE
V
Output low voltage (IOL = 800 µA)
VOL
0
—
0.18
× V
CCE
V
Total stop mode (DSP and MCU stopped, PLL
powered down, timers disabled)
ICC_STOP
—60
—
µA
DSP run current at 58.8 MHz (MCU stopped,
timers disabled, DSP running algorithm from
internal memory, BBP and SAP active)
ICCDSP_RUN
—35
—
mA
PLL supply current (16.8 MHz input,
DSP freq = 58.8 MHz, MCU clock = 16.8 MHz)
ICC_PLL
—
1.6
—
mA
DSP wait current at 58.8 MHz (MCU stopped,
timers disabled, BBP and SAP active)
ICC_DSP_WAIT
—
4.5
—
mA
MCU run current at 16.8 MHz (DSP and DSP PLL
stopped, timers disabled, MCU peripherals
active)
ICC_MCU_RUN
—9
—
mA
MCU doze current at 16.8 MHz (DSP and DSP
PLL stopped, timers disabled, MCU peripherals
active)
ICC_MCU_DOZE
—3
—
mA
MCU wait current at 16.8 MHz (DSP and DSP
PLL stopped, timers disabled, MCU peripherals
active)
ICC_MCU_WAIT
—3
—
mA
Timer current (MCU and DSP stopped; 16.8 MHz
to timer)
ICC_TIMER
—
500
—
µA
Input capacitance per pin
CIN
—
—
TBD
pF
Pull-up resistor value1
—
50%
100%
180%
—
Note:
1.
Applies to 22 K and 47 K resistors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com