Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 46 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 42Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 43Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 44Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 45Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 46Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 47Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 48Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 49Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
Preliminary
2-4
DSP56651 Technical Data Sheet
MOTOROLA
Specifications
Clock Requirements
CLOCK REQUIREMENTS
EXTERNAL BUS INTERFACE REQUIREMENTS
When the MCU is operating at 16.8 MHz, the bus interface can access 100 ns access
time external memory with one wait state or 15 ns access time external memory with
no wait states.
AC ELECTRICAL CHARACTERISTICS
The characteristics listed in this section are given for VDDI = 2.4 V and VDDE = 3.3 V
with a capacitive load of 50 pF.
Table 2-4
Clock Requirements
Characteristics
Symbol
Min
Typ
Max
Units
CKIH input frequency
f1
0
—
16.8
MHz
CKIL input frequency
f2
0
32.768
f1
kHz
MCU internal frequency
fMCU-CLK
0
—
16.8
MHz
DSP internal frequency
fDSP-CLK
—
—
58.8
MHz
CKIH input amplitude
VI-CKIH
500
—
—
mVPP
CKIL input low voltage
VIL-CKIL
-0.3
—
0.2xVCCE
V
CKIL input high voltage
VIH-CKIL
VCCI
—
2.77
V
CKIH input impedance
RI-CKIH
High TBD
—
—
M
Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com