Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 30 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 26Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 27Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 28Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 29Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 30Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 31Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Preliminary
1-24
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
Normal:
MUX_CTL driven low
ROW6
SC2A
DCD
Input or
Output
Input or
Output
Output
Input
Row sense 6—
This signal functions as a keypad row sense and is
equipped with an on-chip 100k
Ω pull-up resistor.
Audio codec serial control 2
(alternate)—When programmed as
SC2A, this signal provides I/O frame synchronization for the serial
audio codec port. In synchronous mode, the signal provides the
frame sync for both the transmitter and receiver. In asynchronous
mode, the signal provides the frame sync for the transmitter only.
As SC2A, this pin has a 100k
Ω pull-down resistor.
Note:
When this signal is used as SC2A, the primary SC2A signal
is disabled. (See Table 1-18 on page 1-31.)
Data Carrier Detect
—When programmed as GPIO output, this
signal can be used as the DSR output for the serial data port. (See
Table 1-15
on page 1-26.) After reset, the default state is GPI.
Alternate:
MUX_CTL driven high
DSP_DE
Input
Output
Input
Digital signal processor debug event
—As an input signal, this
signal provides a means to enter the debug mode of operation from
an external command converter. An an output signal, it acknow-
ledges that the DSP has entered the debug mode. When program-
med as DSP_DE, this signal has an open-drain 100k
Ω pull-up.
When the DSP enters the debug mode due to a debug request or as
the result of meeting a breakpoint condition, it asserts DSP_DE as
an output signal for three clock cycles.
Note:
When this signal is enabled, the primary DSP_DE signal is
disabled. (See Table 1-21 on page 1-35.)
Table 1-14
Keypad Port Signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com