| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 76 page ![]() Preliminary 1-22 DSP56651 Technical Data Sheet MOTOROLA Pin and Signal Descriptions DSP56651 Signal Description For Interrupt signals equipped with resistors, all pull-ups and pull-downs are automatically disconnected when the pin is an output. Timers Keypad Port DSP_IRQ Input Input DSP external interrupt request —This active low Schmitt trigger input can be programmed as a level-sensitive or negative edge- triggered maskable interrupt request input during normal instruction processing. If the DSP is in the stop state and DSP_IRQ is asserted, the DSP exits the stop state. This signal has an on-chip 47 k Ω pull-up resistor. Table 1-13 Timer Signals Signal Name Signal Type State during Reset Signal Description TOUT0– TOUT7 Input or Output Input Timer output 0–7— These are timer output signals. After reset, the default state for these signals is GPI. Note: These signals are GPIOs when not used as timer outputs. Table 1-14 Keypad Port Signals Signal Name Signal Type State during Reset Signal Description COL0–COL5 Input or Output Input Column strobe 0–5— These signals function as keypad column strobes that can be programmed as regular or open-drain outputs. When not used as column strobe signals, these are GPIO signals. After reset, the default state is GPI. Table 1-12 Interrupt Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |