Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 24 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 23Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 24Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 25Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 26Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 27Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
Preliminary
1-18
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
For Reset, mode, and MUX control signals equipped with resistors, all pull-ups and
pull-downs are automatically disconnected when the pin is an output.
MUX_CTL
Input
Input
Multiplexer control
—This input allows the designer to select an
alternate set of pins to be used for RESET_IN, the debug control
port signals, and the JTAG signals as defined below:
If MUX_CTL is driven low, the normal functions are selected. If
MUX_CTL is driven high, the alternate functions are selection.
Note:
The user is responsible to ensure that transition between
normal and alternate functions are made smoothly. No
provisions are made in the on-chip hardware to assure
such a smooth switch. The external command converter
uses to drive this signal must ensure that critical pins
(such as the JTAG TMS and TRST signals and RESET_IN)
are driven with inactive values during and after the
switch.
The MUX_CTL signal has an internal 100 k
Ω pull-down resistor.
STO
Output
Chip
driven
Soft turn off
—This is a general purpose output pin. Its logic state
is not affected by reset.
Table 1-11
Reset, Mode, and Multiplexer Control Signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Normal
(MUX_CTL low)
Alternate
(MUX_CTL high)
Interrupt signals
(See Table 1-12)
INT6/STDA/DSR
TRST
INT7/SRDA/DTR/SCLK
TMS
Keypad signals
(See Table 1-14
on page 1-22)
ROW6/SC2A/DCD
DSP_DE
ROW7/SCKA/RI
TCK
Serial Data Port
(UART) signals
(See Table 1-15
on page 1-26)
TxD
TDO
RxD/IC1
TDI
RTS/IC2A
RESET_IN
CTS
MCU_DE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com