Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 3 Page - NXP Semiconductors

  DSP56600FM/AD Datasheet HTML 1Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 2Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 3Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 4Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 5Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 6Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 7Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 8Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
DSP56651
Features
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
iii
FEATURES
RISC M•CORE MCU
•
32-bit load/store RISC architecture
•
Fixed 16-bit instruction length
•
16-entry 32-bit general-purpose register file
•
32-bit internal address and data buses
•
Efficient four-stage, fully interlocked execution pipeline
•
Single-cycle execution for most instructions, two cycles for branches and memory
accesses
•
Special branch, byte, and bit manipulation instructions
•
Support for byte, half-word, and word memory accesses
•
Fast interrupt support via vectoring/auto-vectoring and a 16-entry dedicated
alternate register file
High Performance DSP56600 Core
•1
× engine (e.g., 70 MHz = 70 MIPS)
•
Fully pipelined 16
× 16-bit parallel multiplier-accumulator (MAC)
•
Two 40-bit accumulators including extension bits
•
40-bit parallel barrel shifter
•
Highly parallel instruction set with unique DSP addressing modes
•
Position-independent code support
•
Nested hardware DO loops
•
Fast auto-return interrupts
•
On-chip support for software patching and enhancements
•
Realtime trace capability via address bus visibility mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com