Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 32 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 28Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 29Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 30Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 31Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Preliminary
1-26
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
Serial Data Port (UART)
Table 1-15
Serial Data Port (UART) Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
Normal:
MUX_CTL driven low
TxD
Input or
Output
Input
UART transmit—
This signal transmits data from the UART.
The signal is a GPIO when not programmed as the TxD signal. After
reset, the default state for this signal is GPI.
Alternate:
MUX_CTL driven high
TDO
Output
Test data output
—When selected, this signal provides the TDO
serial output for test instructions and data from the JTAG TAP
controller. TDO is a tri-state signal that is actively driven in the
shift-IR and shift-DR controller states.
Note:
When this signal is enabled, the primary TDO signal is
disconnected from the TAP controller. (See Table 1-22
on page 1-36.)
Normal:
MUX_CTL driven low
RxD
IC1
Input or
Output
Input
Input
UART receive—
This signal receives data into the UART.
Input compare 1
—When so programmed, the signal connects to an
input capture/output compare timer used for autobaud mode
support.
The signal is a GPIO when not programmed as one of the above
functions. This signal has an on-chip 47 k
Ω pull-up resistor. After
reset, the default state for this signal is GPI.
Alternate:
MUX_CTL driven high
TDI
Input
Input
Test data in
—When selected, this signal provides the TDI serial
input for test instructions and data for the JTAG TAP controller. TDI
is sampled on the rising edge of TCK.
Note:
When this signal is enabled, the primary TDI signal is
disconnected from the TAP controller. (See Table 1-22
on page 1-36.)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com